PART |
Description |
Maker |
M29F100BB-45N1T M29F100BT-45N1T M29F100BT-70N1T M2 |
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory 1兆位28KBx84Kbx16,有启动区域的单电源闪存 8-Bit, 0.1 us MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro Interface 20-PLCC -25 to 85 1兆位28KB x84Kb的x16插槽,启动座单电源闪 Octal Magnitude Comparators 24-SOIC 0 to 70 1兆位28KB x84Kb的x16插槽,启动座单电源闪 1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory 1兆位128KBx84Kbx16,有启动区域的单电源闪存 Quadruple 2-Input Positive-NAND Gate 14-VQFN -40 to 85 1兆位28KB x84Kb的x16插槽,启动座单电源闪 Dual 4-Bit D-Type Edge-Triggered Flip-Flops 24-SOIC 0 to 70 1兆位28KB x84Kb的x16插槽,启动座单电源闪 Octal Magnitude Comparators 24-PDIP 0 to 70 Dual 4-Bit D-Type Edge-Triggered Flip-Flops 24-PDIP 0 to 70 8-Bit, 0.1 us MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro Interface 16-PDIP 0 to 70 Quadruple 2-Input Exclusive-OR Gates 14-SOIC 0 to 70 Quadruple 2-Input Exclusive-OR Gates 14-PDIP 0 to 70 8-Bit, 0.1 us MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro Interface 20-PLCC 0 to 70 8-Bit, 0.1 us MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro Interface 16-PDIP -40 to 85 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro I/F 20-SOIC 0 to 70 8-Bit, 0.1 us MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro Interface 16-TSSOP 0 to 70 8-Bit, 5 us Quad DAC, Parallel Input, Single / Dual Supply 20-LCCC -55 to 125
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
CU4 |
Timing Control Units
|
Allen-Bradley
|
GP1UE26XK GP1UE28YK GP1UE28XK GP1UE27XK GP1UE267XK |
IR DETECTING SENSORS / IR DETECTING UNITS FOR REMOTE CONTROL Low Voltage Operation, Compact IR Detecting Unit for Remote Control
|
Sharp Electrionic Compo...
|
M295V160BB70N1T M29F160 M295V160BB55N1T M295V160BT |
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory 16 Mbit 2Mb x8 or 1Mb x16 / Boot Block Single Supply Flash Memory 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro I/F 20-PLCC -25 to 85 16-Bit Bus Transceiver with 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16兆位Mb x81兆x16插槽,启动座单电源闪 16 Mbit 2Mb x8 or 1Mb x16, Boot Block Single Supply Flash Memory 16兆位Mb x81兆x16插槽,启动座单电源闪 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro I/F 20-PDIP -40 to 85 16兆位Mb x81兆x16插槽,启动座单电源闪 16-Bit Transparent D-Type Latch With 3-State Outputs 48-TVSOP -40 to 85 16兆位Mb x8兆x16插槽,启动座单电源闪 16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 48-TVSOP -40 to 85 16兆位Mb x8兆x16插槽,启动座单电源闪
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
FX-207 FX-107 FX-307 |
SELECTIVE SIGNALLING DEVICES 07 SERIES 选择性信号设07系列
|
Chicago Miniature Lighting,LLC Chicago Miniature Lighting, LLC
|
MK5027 4284 MK5027PLCC52 MK5027DIP |
SS7 SIGNALLING LINK CONTROLLER From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
LPM-5123BMU652 |
LED Displays > LED Dot Matrix Units > 16x32 Dots Matrix Units LEDディスプレイ
|
ROHM
|
LUM-512HMU356 |
LED Displays > LED Dot Matrix Units > 16x32 Dots Matrix Units
|
ROHM
|
LUM-512HMU308 |
LED Displays > LED Dot Matrix Units > 16x32 Dots Matrix Units
|
ROHM
|
LPM-1153BMU602 |
LED Displays > LED Dot Matrix Units > 24x48 Dots Matrix Units
|
ROHM
|
FT500DL FT500DL-24 FT500DL-4 FT500DL-20 FT500DL-16 |
Phase control SCR. 500A, 400V. Phase Control SCR 500 Amperes Avg 200-1400 Volts Phase control SCR. 500A, 1200V. Phase control SCR. 500A, 200V. Phase control SCR. 500A, 1000V. Phase control SCR. 500A, 800V. Phase control SCR. 500A, 300V. Phase control SCR. 500A, 500V. Phase control SCR. 500A, 600V. Phase control SCR. 500A, 1400V.
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|